Part Number Hot Search : 
D965AL NTE7417 CD4130D TSC1224 A5941 N5266C CTA41AS5 MJD117T4
Product Description
Full Text Search
 

To Download PM-1510 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specification model dc voltage rated current current range rated power output line regulation load regulation setup, rise time hold up time (typ.) voltage range frequency range efficiency (typ.) input inrush current (typ.) withstand voltage isolation resistance working humidity working temp. storage temp., humidity temp. coefficient vibration mtbf dimension others note packing overload over voltage ac current (typ.) 1000ms, 20ms/230vac 1000ms, 20ms/115vac at full load 100ms/230vac 24ms/115vac at full load 85 ~ 264vac 120 ~ 370vdc 47 ~ 440hz 76% 73% 78% 13.8 ~ 16.2v 79% 17.25 ~ 20.25v 81% 27.6 ~ 32.4v 0.35a/115vac 0.2a/230vac cold start 30a/115vac 50a/230vac above 105% rated output power 5.75 ~ 6.75v 3.8 ~ 4.95v protection type : hiccup mode, recovers automatically after fault co ndition is removed i/p-o/p:4kvac i/p-o/p:100m ohms / 500vdc / 25 / 70% rh 20 ~ 90% rh non-condensing -20 ~ +70 (refer to output load derating curve) -40 ~ +85 , 10 ~ 95% rh 0.03%/ (0 ~ 50 10 ~ 500hz, 2g 10min./1cycle, period for 60min. each along x, y, z axes 499.7khrs min. mil-hdbk-217f (25 ) 75*53*22.7mm (l*w*h) 0.14kg; 120pcs/17.8kg/0.97cuft file name:pm-15-spec 2010-07-19 0.5% 1.0% 0.5% 1.0% 0.5% 0.5% 1.0% 1.0% 1.0% 1.0% 2.0% 3.0% 2.0% 2.0% 2.0% 80mvp-p 80mvp-p 150mvp-p 150mvp-p 240mvp-p 5v 3.3v 12v 15v 24v 3a 3.5a 1.25a 1a 0.63a 0 ~ 3a 0 ~ 3.5a 0 ~ 1.25a 0 ~ 1a 0 ~ 0.63a 15w 11.55w 15w 15w 15.12w pm-15-5 pm-15-12 pm-15-15 pm-15-24 pm-15-3.3 safety standards 15w output switching power supply p m - 1 5 s e r i e s features : ripple & noise (max.) note.2 voltage tolerance note.3 emi conduction & radiation 1. all parameters not specially mentioned are measured at 230vac input, r ated load and 25 of ambient temperature. 2. ripple & noise are measured at 20mhz of bandwidth by using a 12" twisted pair- wire terminated with a 0.1uf & 47uf parallel capacitor. 3. tolerance : includes set up tolerance, line regulation and load regula tion. 4. the power supply is considered a component which will be installed into a fi nal equipment. the final equipment must be re-confirmed that it still me ets emc directives. environment safety & emc (note 4) protection protection type : shut off o/p voltage, clamping by zener diode compliance to en55011 ,en55022 (cispr22) class b (cispr11) harmonic current ems immunity compliance to en61000-3-2,-3 compliance to en61000-4-2,3,4,5,6,8,11; env50204, en55024, en 60601-1-2, en61204-3, medical level, criteria a universal ac input / full range protections: short circuit / overload / over voltage ultra-miniature size, light weight cooling by free air convection isolation class ul60601-1/iec60601-1/en60601-1 medical safety approved no load power consumption<0.5w 100% full load burn-in test fixed switching frequency at 67khz high reliability 3 years warranty ul60950-1, ul60601-1, tuv en60601-1, iec60601-1 approved en60601-1iec60601-1
fosc : 67khz block diagram mechanical specification filter i/p emi filter rectifiers & rectifiers control switch- pwm ing power detection circuit & filter +v -v file name:pm-15-spec 2010-07-19 ambient temperature ( ) load (%) (horizontal) -20 0 10 20 30 40 50 60 70 20 40 60 80 100 output derating vs input voltage input voltage (vac) 60hz 85 100 95 120 115 160 140 200 180 240 220 264 load (%) ta=25 90 100 80 70 60 50 40 0.041"(1.05mm) derating curve 0.138" (3.5 1mm) 15w output switching power supply p m - 1 5 s e r i e s case no. 950a unit:inch(mm) view bottom ac/n ac/l +v -v 0.256" (6.5mm) 0.788"(20mm) 2.09"(53mm) 0.256"(6.5mm) 2.441"(62mm) 2.95"(75mm) 0.906" (23.01mm) 0.59" (15mm) 0.89"(22.7mm)


▲Up To Search▲   

 
Price & Availability of PM-1510

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X